| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25R3916 bảng dữ liệu(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3916 bảng dữ liệu(HTML) 122 Page - STMicroelectronics |
|
122 / 157 page ![]() Application information ST25R3916/7 122/157 DS12484 Rev 4 4.5.58 RSSI display register Register space: A Address: 2Dh Type: R Table 93. RSSI display register Bit Name Default Function Comments 7 rssi_am_3 - AM channel RSSI peak value. Refer to Table 94 for definition. Stores the AM channel RSSI peak value until the start of the next reception, or until the Clear RSSI command is sent. 6 rssi_am_2 - 5 rssi_am_1 - 4 rssi_am_0 - 3 rssi_pm_3 - PM channel RSSI peak value. Refer to Table 94 for definition. Stores the PM channel RSSI peak value until the start of the next reception, or until the Clear RSSI command is sent. 2 rssi_pm_2 - 1 rssi_pm_1 - 0 rssi_pm_0 - Table 94. RSSI rssi_3 rssi_2 rssi_1 rssi_0 Typical signal on RFI1 (mVrms) 00 00 ≤20 00 01 >20 00 10 >27 00 11 >37 01 00 >52 01 01 >72 01 10 >99 01 11 >136 10 00 >190 10 01 >262 10 10 >357 10 11 >500 11 00 >686 11 01 >950 11 10 >1150 11 11 |