| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS47L35 bảng dữ liệu(PDF) 118 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 bảng dữ liệu(HTML) 118 Page - Cirrus Logic |
|
118 / 300 page ![]() 118 DS1085F3 CS47L35 4.7 Digital Audio Interface Control The AIF1 signal-path-enable bits are described in Table 4-38. The AIF2 signal-path-enable bits are described in Table 4-39. Table 4-38. AIF1 Signal Path Enable Register Address Bit Label Default Description R1305 (0x0519) AIF1_Tx_Enables 5 AIF1TX6_ENA 0 AIF1 Audio Interface TX Channel 6 Enable 0 = Disabled 1 = Enabled 4 AIF1TX5_ENA 0 AIF1 Audio Interface TX Channel 5 Enable 0 = Disabled 1 = Enabled 3 AIF1TX4_ENA 0 AIF1 Audio Interface TX Channel 4 Enable 0 = Disabled 1 = Enabled 2 AIF1TX3_ENA 0 AIF1 Audio Interface TX Channel 3 Enable 0 = Disabled 1 = Enabled 1 AIF1TX2_ENA 0 AIF1 Audio Interface TX Channel 2 Enable 0 = Disabled 1 = Enabled 0 AIF1TX1_ENA 0 AIF1 Audio Interface TX Channel 1 Enable 0 = Disabled 1 = Enabled R1306 (0x051A) AIF1_Rx_Enables 5 AIF1RX6_ENA 0 AIF1 Audio Interface RX Channel 6 Enable 0 = Disabled 1 = Enabled 4 AIF1RX5_ENA 0 AIF1 Audio Interface RX Channel 5 Enable 0 = Disabled 1 = Enabled 3 AIF1RX4_ENA 0 AIF1 Audio Interface RX Channel 4 Enable 0 = Disabled 1 = Enabled 2 AIF1RX3_ENA 0 AIF1 Audio Interface RX Channel 3 Enable 0 = Disabled 1 = Enabled 1 AIF1RX2_ENA 0 AIF1 Audio Interface RX Channel 2 Enable 0 = Disabled 1 = Enabled 0 AIF1RX1_ENA 0 AIF1 Audio Interface RX Channel 1 Enable 0 = Disabled 1 = Enabled Table 4-39. AIF2 Signal Path Enable Register Address Bit Label Default Description R1369 (0x0559) AIF2_Tx_Enables 1 AIF2TX2_ENA 0 AIF2 Audio Interface TX Channel 2 Enable 0 = Disabled 1 = Enabled 0 AIF2TX1_ENA 0 AIF2 Audio Interface TX Channel 1 Enable 0 = Disabled 1 = Enabled R1370 (0x055A) AIF2_Rx_Enables 1 AIF2RX2_ENA 0 AIF2 Audio Interface RX Channel 2 Enable 0 = Disabled 1 = Enabled 0 AIF2RX1_ENA 0 AIF2 Audio Interface RX Channel 1 Enable 0 = Disabled 1 = Enabled |