| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPSB081C3 bảng dữ liệu(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081C3 bảng dữ liệu(HTML) 112 Page - STMicroelectronics |
|
112 / 135 page ![]() Table 108. CR21(0x15) to CR24 (0x18) signals description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 RES Reserved 18 RES Reserved 17 RES Reserved 16 RES Reserved 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 RES Reserved 4 RES Reserved 3 RES Reserved 2 RES Reserved 1 RES Reserved 0 RES Reserved Table 109. Control register CR34 (0x22) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access 0 (R/W) 0 (R/W) Table 110. CR34 signals description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 RES Reserved 18 RES Reserved SPSB081 Control registers DS14048 - Rev 1 page 112/135 |