| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPSB0813 bảng dữ liệu(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB0813 bảng dữ liệu(HTML) 119 Page - STMicroelectronics |
|
119 / 135 page ![]() Table 117. Status register SR3 (0x33) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access R R&C R Table 118. SR3 description Bit Name Description 23 RES Reserved 22 RES Reserved 21 OUT4_OC Overcurrent shutdown ‘1’ indicates the output was shut down due to overcurrent condition. Bit is latched until a “Read and clear” command 20 OUT3_OC 19 OUT2_OC 18 OUT1_OC 17 RES Reserved 16 RES Reserved 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 RES Reserved 4 RES Reserved 3 RES Reserved 2 RES Reserved 1 RES Reserved 0 RES Reserved Table 119. Status register SR4 (0x34) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access R R&C R SPSB081 Status registers DS14048 - Rev 1 page 119/135 |