| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6526 bảng dữ liệu(PDF) 280 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 bảng dữ liệu(HTML) 280 Page - Texas Instruments |
|
280 / 284 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 13-Oct-2022 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) AM6526BACDXA ACD FCBGA 784 1 5 x 12 150 322.6 135.9 7620 25.5 17.25 16.95 AM6526BACDXEAF ACD FCBGA 784 60 5 x 12 150 322.6 135.9 7620 25.5 17.25 16.95 AM6528BACDXEA ACD FCBGA 784 1 5 x 12 150 322.6 135.9 7620 25.5 17.25 16.95 AM6546BACDXA ACD FCBGA 784 60 5 x 12 150 322.6 135.9 7620 25.5 17.25 16.95 AM6548BACDXEAF ACD FCBGA 784 60 5 x 12 150 322.6 135.9 7620 25.5 17.25 16.95 Pack Materials-Page 1 |