| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6546 bảng dữ liệu(PDF) 206 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546 bảng dữ liệu(HTML) 206 Page - Texas Instruments |
|
206 / 284 page ![]() ASP15 ASP14 ASP13 ASP13 ASP12 ASP12 ASP11 ASP10 ASP10 ASP9 A0 A1 B0 B1 A30 A31 B30 B31 C0 C1 C2 C3 C31 ASP13 ASP13 ASP13 ASP13 ASP13 MCASP[x]_ACLKR/X (Falling Edge Polarity) MCASP[x]_AHCLKR/X (Rising Edge Polarity) MCASP[x]_AFSR/X (Bit Width, 0 Bit Delay) MCASP[x]_AFSR/X (Bit Width, 1 Bit Delay) MCASP[x]_AFSR/X (Bit Width, 2 Bit Delay) MCASP[x]_AFSR/X (Slot Width, 0 Bit Delay) MCASP[x]_AFSR/X (Slot Width, 1 Bit Delay) MCASP[x]_AFSR/X (Slot Width, 2 Bit Delay) MCASP[x]_AXR[x] (Data Out/Transmit) MCASP[x]_ACLKR/X (CLKRP = CLKXP = 1) (A) MCASP[x]_ACLKR/X (CLKRP = CLKXP = 0) (B) A. For CLKRP = CLKXP = 1, the MCASP transmitter is configured for falling edge (to shift data out) and the MCASP receiver is configured for rising edge (to shift data in). B. For CLKRP = CLKXP = 0, the MCASP transmitter is configured for rising edge (to shift data out) and the MCASP receiver is configured for falling edge (to shift data in). Figure 7-67. MCASP Output Timing For more information, see section Controller Area Network (MCAN) in the device TRM. 7.9.5.15 MCSPI For more details about features and additional description information on the device Serial Port Interface, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description. Table 7-46 presents the timing conditions of SPI. Table 7-46. SPI Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 2 8.5 V/ns OUTPUT CONDITIONS AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 206 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6546 AM6526 |