| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6548ACD bảng dữ liệu(PDF) 182 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6548ACD bảng dữ liệu(HTML) 182 Page - Texas Instruments |
|
182 / 284 page ![]() – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and ADVRdOffTime are odd) or (ClkActivationTime and ADVRdOffTime are even) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if ((ADVRdOffTime - ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVRdOffTime - ClkActivationTime - 1) is a multiple of 3) – G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVRdOffTime - ClkActivationTime - 2) is a multiple of 3) For ADV rising edge (ADV deactivated) in Writing mode: • Case GpmcFCLKDivider = 0: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) • Case GpmcFCLKDivider = 1: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and ADVWrOffTime are odd) or (ClkActivationTime and ADVWrOffTime are even) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime - 1) is a multiple of 3) – G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime - 2) is a multiple of 3) (8) For OE falling edge (OE activated) and IO DIR rising edge (Data Bus input direction): • Case GpmcFCLKDivider = 0: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) • Case GpmcFCLKDivider = 1: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and OEOnTime are odd) or (ClkActivationTime and OEOnTime are even) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime - 1) is a multiple of 3) – H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime - 2) is a multiple of 3) For OE rising edge (OE deactivated): • Case GpmcFCLKDivider = 0: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) • Case GpmcFCLKDivider = 1: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and OEOffTime are odd) or (ClkActivationTime and OEOffTime are even) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if ((OEOffTime - ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOffTime - ClkActivationTime - 1) is a multiple of 3) – H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOffTime - ClkActivationTime - 2) is a multiple of 3) (9) For WE falling edge (WE activated): • Case GpmcFCLKDivider = 0: – I = 0.5 × WEExtraDelay × GPMC_FCLK(17) • Case GpmcFCLKDivider = 1: – I = 0.5 × WEExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and WEOnTime are odd) or (ClkActivationTime and WEOnTime are even) – I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) otherwise • Case GpmcFCLKDivider = 2: – I = 0.5 × WEExtraDelay × GPMC_FCLK(17) if ((WEOnTime - ClkActivationTime) is a multiple of 3) – I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) if ((WEOnTime - ClkActivationTime - 1) is a multiple of 3) – I = (2 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) if ((WEOnTime - ClkActivationTime - 2) is a multiple of 3) For WE rising edge (WE deactivated): AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 182 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6546 AM6526 |