công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD20B bảng dữ liệu(PDF) 163 Page - Microchip Technology

tên linh kiện AD20B
Giải thích chi tiết về linh kiện  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AD20B bảng dữ liệu(HTML) 163 Page - Microchip Technology

Back Button AD20B Datasheet HTML 159Page - Microchip Technology AD20B Datasheet HTML 160Page - Microchip Technology AD20B Datasheet HTML 161Page - Microchip Technology AD20B Datasheet HTML 162Page - Microchip Technology AD20B Datasheet HTML 163Page - Microchip Technology AD20B Datasheet HTML 164Page - Microchip Technology AD20B Datasheet HTML 165Page - Microchip Technology AD20B Datasheet HTML 166Page - Microchip Technology AD20B Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 163
PIC24FJ256GA705 FAMILY
FIGURE 13-2:
TIMER2 (16-BIT SYNCHRONOUS) BLOCK DIAGRAM
FIGURE 13-3:
TIMER3 (16-BIT ASYNCHRONOUS) BLOCK DIAGRAM
TON
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
T2CK
Set T2IF
Equal
Reset
Q
QD
CK
TGATE
1
0
Sync
Note 1:
The timer clock input must be assigned to an available RPn/RPIn pin before use. See Section 11.5 “Peripheral
Pin Select (PPS)” for more information.
TMR2
TCY
TCS(1)
TGATE(1)
SOSC Input
LPRC Input
TECS<1:0>
TxCK
Gate
Sync
Comparator
PR2
TON
TCKPS<1:0>
2
PR3
Set T3IF
Equal
Comparator
TMR3
Reset
Q
QD
CK
TGATE
1
0
A/D Event Trigger(2)
Prescaler
1, 8, 64, 256
Note 1:
The timer clock input must be assigned to an available RPn/RPIn pin before use. See Section 11.5 “Peripheral
Pin Select (PPS)” for more information.
2:
The A/D event trigger is available only on Timer3.
T3CK
TCY
TCS(1)
TGATE(1)
SOSC Input
LPRC Input
TECS<1:0>
TxCK
Gate
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More