| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DI40 bảng dữ liệu(PDF) 294 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DI40 bảng dữ liệu(HTML) 294 Page - Microchip Technology |
|
294 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 294 2016-2018 Microchip Technology Inc. bit 1 SAMP: A/D Sample Enable bit 1 = A/D Sample-and-Hold amplifiers are sampling 0 = A/D Sample-and-Hold amplifiers are holding bit 0 DONE: A/D Conversion Status bit 1 = A/D conversion cycle has completed 0 = A/D conversion cycle has not started or is in progress REGISTER 24-1: AD1CON1: A/D CONTROL REGISTER 1 (CONTINUED) Note 1: This bit is only available when Extended DMA and buffer features are available (DMAEN = 1). |