| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OS10 bảng dữ liệu(PDF) 349 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
OS10 bảng dữ liệu(HTML) 349 Page - Microchip Technology |
|
349 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 349 PIC24FJ256GA705 FAMILY 31.0 INSTRUCTION SET SUMMARY The PIC24F instruction set adds many enhancements to the previous PIC® MCU instruction sets, while main- taining an easy migration from previous PIC MCU instruction sets. Most instructions are a single program memory word. Only three instructions require two program memory locations. Each single-word instruction is a 24-bit word divided into an 8-bit opcode, which specifies the instruction type and one or more operands, which further specify the operation of the instruction. The instruction set is highly orthogonal and is grouped into four basic categories: • Word or byte-oriented operations • Bit-oriented operations • Literal operations • Control operations Table 31-1 shows the general symbols used in describing the instructions. The PIC24F instruction set summary in Table 31-2 lists all the instructions, along with the status flags affected by each instruction. Most word or byte-oriented W register instructions (including barrel shift instructions) have three operands: • The first source operand, which is typically a register, ‘Wb’, without any address modifier • The second source operand, which is typically a register, ‘Ws’, with or without an address modifier • The destination of the result, which is typically a register, ‘Wd’, with or without an address modifier However, word or byte-oriented file register instructions have two operands: • The file register specified by the value, ‘f’ • The destination, which could either be the file register, ‘f’, or the W0 register, which is denoted as ‘WREG’ Most bit-oriented instructions (including simple rotate/ shift instructions) have two operands: • The W register (with or without an address modifier) or file register (specified by the value of ‘Ws’ or ‘f’) • The bit in the W register or file register (specified by a literal value or indirectly by the contents of register, ‘Wb’) The literal instructions that involve data movement may use some of the following operands: • A literal value to be loaded into a W register or file register (specified by the value of ‘k’) • The W register or file register where the literal value is to be loaded (specified by ‘Wb’ or ‘f’) However, literal instructions that involve arithmetic or logical operations use some of the following operands: • The first source operand, which is a register, ‘Wb’, without any address modifier • The second source operand, which is a literal value • The destination of the result (only if not the same as the first source operand), which is typically a register, ‘Wd’, with or without an address modifier The control instructions may use some of the following operands: • A program memory address • The mode of the Table Read and Table Write instructions All instructions are a single word, except for certain double-word instructions, which were made double- word instructions so that all the required information is available in these 48 bits. In the second word, the eight MSbs are ‘0’s. If this second word is executed as an instruction (by itself), it will execute as a NOP. Most single-word instructions are executed in a single instruction cycle, unless a conditional test is true or the Program Counter is changed as a result of the instruc- tion. In these cases, the execution takes two instruction cycles, with the additional instruction cycle(s) executed as a NOP. Notable exceptions are the BRA (uncondi- tional/computed branch), indirect CALL/GOTO, all Table Reads and Table Writes, and RETURN/RETFIE instructions, which are single-word instructions but take two or three cycles. Certain instructions that involve skipping over the sub- sequent instruction require either two or three cycles if the skip is performed, depending on whether the instruction being skipped is a single-word or two-word instruction. Moreover, double-word moves require two cycles. The double-word instructions execute in two instruction cycles. Note: This chapter is a brief summary of the PIC24F Instruction Set Architecture (ISA) and is not intended to be a comprehensive reference source. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |