| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D300 bảng dữ liệu(PDF) 127 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
D300 bảng dữ liệu(HTML) 127 Page - Microchip Technology |
|
127 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 127 PIC24FJ256GA705 FAMILY TABLE 11-3: PORTA PIN AND ANSELx AVAILABILITY Device PORTA I/O Pins RA15 RA14 RA13 RA12 RA11 RA10 RA9 RA8 RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0 PIC24FJXXXGA705 —X X X X X X X X — — X XXXX PIC24FJXXXGA704 — — — — —X X X X — — X XXXX PIC24FJXXXGA702 — — — — — — — — — — — X XXXX ANSELA bit present — — — — — — — — — — — — XXXX TABLE 11-4: PORTB PIN AND ANSELx AVAILABILITY Device PORTB I/O Pins RB15 RB14 RB13 RB12 RB11 RB10 RB9 RB8 RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 PIC24FJXXXGA705 X X X X X X X XXXXX XXXX PIC24FJXXXGA704 X X X X X X X XXXXX XXXX PIC24FJXXXGA702 X X X X X X X XXXXX XXXX ANSELB bit present X X X X — —X — — — — — XXXX TABLE 11-5: PORTC PIN AND ANSELx AVAILABILITY Device PORTC I/O Pins RC15 RC14 RC13 RC12 RC11 RC10 RC9 RC8 RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 PIC24FJXXXGA705 — — — — — — X XXXXX XXXX PIC24FJXXXGA704 — — — — — — X XXXXX XXXX PIC24FJXXXGA702 — — — — — — — — — — — — — — — — ANSELC bit present — — — — — — — — — — — — XXXX |