| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D131 bảng dữ liệu(PDF) 217 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
D131 bảng dữ liệu(HTML) 217 Page - Microchip Technology |
|
217 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 217 PIC24FJ256GA705 FAMILY FIGURE 17-2: SPIx MASTER/SLAVE CONNECTION (STANDARD MODE) Serial Transmit Buffer (SPIxTXB)(2) Shift Register (SPIxTXSR) LSb MSb SDIx SDOx Processor 2 (SPIx Slave) SCKx SSx(1) Serial Receive Buffer (SPIxRXB)(2) Serial Receive Buffer (SPIxRXB)(2) Shift Register (SPIxRXSR) MSb LSb SDOx SDIx Processor 1 (SPIx Master) Serial Clock MSSEN (SPIxCON1H<4>) = 1 and MSTEN (SPIxCON1L<5>) = 0 Note 1: Using the SSx pin in Slave mode of operation is optional. 2: User must write transmit data to read the received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory-mapped to SPIxBUF. SCKx Serial Transmit Buffer (SPIxTXB)(2) MSTEN (SPIxCON1L<5>) = 1 SPIx Buffer (SPIxBUF) SPIx Buffer (SPIxBUF) Shift Register (SPIxTXSR) Shift Register (SPIxRXSR) MSb LSb LSb MSb SDOx SDIx |