| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DI20 bảng dữ liệu(PDF) 193 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DI20 bảng dữ liệu(HTML) 193 Page - Microchip Technology |
|
193 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 193 PIC24FJ256GA705 FAMILY TABLE 16-5: SYNCHRONIZATION SOURCES SYNC<4:0> Synchronization Source 11111 None; Timer with Rollover on CCPxPR Match or FFFFh 11110 Reserved 11101 Reserved 11100 CTMU Trigger 11011 A/D Start Conversion 11010 CMP3 Trigger 11001 CMP2 Trigger 11000 CMP1 Trigger 10111 Reserved 10110 Reserved 10101 Reserved 10100 Reserved 10011 Reserved 10010 Reserved 10001 CLC2 Out 10000 CLC1 Out 01111 Reserved 01110 Reserved 01101 Reserved 01100 Reserved 01011 INT2 Pad 01010 INT1 Pad 01001 INT0 Pad 01000 Reserved 00111 Reserved 00110 Reserved 00101 MCCP4 Sync Out 00100 MCCP3 Sync Out 00011 MCCP2 Sync Out 00010 MCCP1 Sync Out 00001 MCCPx Sync Out(1) 00000 MCCPx Timer Sync Out(1) Note 1: CCP1 when connected to CCP1, CCP2 when connected to CCP2, etc. |