công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DI10 bảng dữ liệu(PDF) 380 Page - Microchip Technology

tên linh kiện DI10
Giải thích chi tiết về linh kiện  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DI10 bảng dữ liệu(HTML) 380 Page - Microchip Technology

Back Button DI10 Datasheet HTML 376Page - Microchip Technology DI10 Datasheet HTML 377Page - Microchip Technology DI10 Datasheet HTML 378Page - Microchip Technology DI10 Datasheet HTML 379Page - Microchip Technology DI10 Datasheet HTML 380Page - Microchip Technology DI10 Datasheet HTML 381Page - Microchip Technology DI10 Datasheet HTML 382Page - Microchip Technology DI10 Datasheet HTML 383Page - Microchip Technology DI10 Datasheet HTML 384Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 380
 2016-2018 Microchip Technology Inc.
33.1
Package Marking Information (Continued)
48-Lead TQFP (7x7x1.0 mm)
Example
1
XXXXXXX
XXXYYWW
NNN
1
FJ256GA
7051810
017
28-Lead SPDIP (300 mil)
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC24FJ256GA702
1810017
44-Lead TQFP (10x10x1 mm)
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
PIC24FJ256
GA704
1820017
XXXXXXXX
48-Lead UQFN (6x6 mm)
XXXXXXXX
YYWWNNN
24FJ256
Example
GA702
1810017
XXXXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More