| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DC25 bảng dữ liệu(PDF) 394 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC25 bảng dữ liệu(HTML) 394 Page - Microchip Technology |
|
394 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 394 2016-2018 Microchip Technology Inc. B A 0.20 H A B 0.20 H A B 44 X b 0.20 C A B (DATUM B) (DATUM A) C SEATING PLANE 2X TOP VIEW SIDE VIEW BOTTOM VIEW Microchip Technology Drawing C04-076C Sheet 1 of 2 For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: e NOTE 1 12 N D D1 E E1 2X A2 A1 A 0.10 C 3 N AA 0.20 C A B 4X 11 TIPS 123 44-Lead Plastic Thin Quad Flatpack (PT) - 10x10x1.0 mm Body [TQFP] NOTE 1 NOTE 2 |