| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DC40B bảng dữ liệu(PDF) 171 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC40B bảng dữ liệu(HTML) 171 Page - Microchip Technology |
|
171 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 171 PIC24FJ256GA705 FAMILY bit 4-0 SYNCSEL<4:0>: Synchronization/Trigger Source Selection bits 11111 = Not used 11110 = Not used 11101 = Not used 11100 = CTMU trigger(1) 11011 = A/D interrupt(1) 11010 = CMP3 trigger(1) 11001 = CMP2 trigger(1) 11000 = CMP1 trigger(1) 10111 = Not used 10110 = MCCP4 IC/OC interrupt 10101 = MCCP3 IC/OC interrupt 10100 = MCCP2 IC/OC interrupt 10011 = MCCP1 IC/OC interrupt 10010 = IC3 interrupt(2) 10001 = IC2 interrupt(2) 10000 = IC1 interrupt(2) 01111 = Not used 01110 = Not used 01101 = Timer3 match event 01100 = Timer2 match event 01011 = Timer1 match event 01010 = Not used 01001 = Not used 01000 = Not used 00111 = MCCP4 Sync/Trigger out 00110 = MCCP3 Sync/Trigger out 00101 = MCCP2 Sync/Trigger out 00100 = MCCP1 Sync/Trigger out 00011 = OC3 Sync/Trigger out 00010 = OC2 Sync/Trigger out 00001 = OC1 Sync/Trigger out 00000 = Off REGISTER 14-2: ICxCON2: INPUT CAPTURE x CONTROL REGISTER 2 (CONTINUED) Note 1: Use these inputs as Trigger sources only and never as Sync sources. 2: Never use an Input Capture x module as its own Trigger source by selecting this mode. |