| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DC40D bảng dữ liệu(PDF) 135 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC40D bảng dữ liệu(HTML) 135 Page - Microchip Technology |
|
135 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 135 PIC24FJ256GA705 FAMILY REGISTER 11-12: IOCPDx: INTERRUPT-ON-CHANGE PULL-DOWN ENABLE x REGISTER(1) R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 U-0 IOCPDx<15:8> bit 15 bit 8 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 IOCPDx<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-0 IOCPDx<15:0>: Interrupt-on-Change Pull-Down Enable x bits 1 = Pull-down is enabled 0 = Pull-down is disabled Note 1: See Table 11-3, Table 11-4 and Table 11-5 for individual bit availability in this register. |