| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DC32C bảng dữ liệu(PDF) 290 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC32C bảng dữ liệu(HTML) 290 Page - Microchip Technology |
|
290 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 290 2016-2018 Microchip Technology Inc. 24.3 Registers The 12-bit A/D Converter is controlled through a total of 13 registers: • AD1CON1 through AD1CON5 (Register 24-1 through Register 24-5) •AD1CHS (Register 24-6) • ANCFG (Register 24-7) • AD1CHITL (Register 24-8) • AD1CSSH and AD1CSSL (Register 24-9 and Register 24-10) • AD1CTMENH and AD1CTMENL (Register 24-11 and Register 24-12) • AD1DMBUF (not shown) – The 16-bit conversion buffer for Extended Buffer mode TABLE 24-1: INDIRECT ADDRESS GENERATION IN PIA MODE DMABL<2:0> Buffer Size per Channel (words) Generated Offset Address (lower 11 bits) Available Input Channels Allowable DMADSTn Addresses 000 1 000 00cc ccc0 32 xxxx xxxx xx00 0000 001 2 000 0ccc ccn0 32 xxxx xxxx x000 0000 010 4 000 cccc cnn0 32 xxxx xxxx 0000 0000 011 8 00c cccc nnn0 32 xxxx xxx0 0000 0000 100 16 0cc cccn nnn0 32 xxxx xx00 0000 0000 101 32 ccc ccnn nnn0 32 xxxx x000 0000 0000 110 64 ccc cnnn nnn0 16 xxxx x000 0000 0000 111 128 ccc nnnn nnn0 8 xxxx x000 0000 0000 Legend: ccc = Channel number (three to five bits), n = Base buffer address (zero to seven bits), x = User-definable range of DMADSTn for base address, 0 = Masked bits of DMADSTn for IA |