| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DC23A bảng dữ liệu(PDF) 257 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC23A bảng dữ liệu(HTML) 257 Page - Microchip Technology |
|
257 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 257 PIC24FJ256GA705 FAMILY 21.3.2 RTCVAL REGISTER MAPPINGS REGISTER 21-4: RTCCON2H: RTCC CONTROL REGISTER 2 (HIGH)(1) R/W-0 R/W-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 DIV<15:8> bit 15 bit 8 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 DIV<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-0 DIV<15:0>: Clock Divide bits Sets the period of the clock divider counter; value should cause a nominal 1/2 second underflow. Note 1: A write to this register is only allowed when WRLOCK = 1. |