| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2431..ALV bảng dữ liệu(PDF) 190 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431..ALV bảng dữ liệu(HTML) 190 Page - Texas Instruments |
|
190 / 280 page ![]() 7.10.5.11 MCSPI For more details about features and additional description information on the device Serial Port Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections. Table 7-61 presents timing conditions for MCSPI. Table 7-61. MCSPI Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 2 8.5 V/ns OUTPUT CONDITIONS CL Output load capacitance 6 12 pF For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the device TRM. AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 190 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |