| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2431..ALV bảng dữ liệu(PDF) 121 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431..ALV bảng dữ liệu(HTML) 121 Page - Texas Instruments |
|
121 / 280 page ![]() 7.5 Operating Performance Points This section describes the operating conditions of the device. This section also contains the description of each Operating Performance Point (OPP) for processor clocks and device core clocks. Note The OPP voltage and frequency values may change following the silicon characterization result. Table 7-1 describes the maximum supported frequency per speed grade for the device. Table 7-1. Speed Grade Maximum Frequency DEVICE(1) MAXIMUM FREQUENCY (MHz) SPEED GRADE R5FSS M4FSS INFRA (CBASS) ICSSG DMSC-L DDR4(2) LPDDR4(2) AM243x...ALV S 800 400 250 333 250 800 (DDR-1600) 800 (LPDDR-1600) AM243x...ALV K 400 400 250 250 250 800 (DDR-1600) 800 (LPDDR-1600) AM243x...ALX S 800 400 250 333 250 N/A N/A AM243x...ALX K 400 400 250 250 250 N/A N/A (1) N/A in this table stands for Not Applicable. (2) Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation. Refer to AM64x\AM243x DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR frequency. 7.6 Power Consumption Summary For information on the device power consumption contact your TI Representative. www.ti.com AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 121 Product Folder Links: AM2434 AM2432 AM2431 |