| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XAM2434...ALX bảng dữ liệu(PDF) 157 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM2434...ALX bảng dữ liệu(HTML) 157 Page - Texas Instruments |
|
157 / 280 page ![]() 7.10.5.3 ECAP Table 7-35, Table 7-36, Figure 7-29, Table 7-37, and Figure 7-30 present timing conditions, requirements, and switching characteristics for ECAP. Table 7-35. ECAP Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 1 4 V/ns OUTPUT CONDITIONS CL Output load capacitance 2 7 pF Table 7-36. ECAP Timing Requirements see Figure 7-29 NO. PARAMETER DESCRIPTION MIN MAX UNIT CAP1 tw(CAP) Pulse duration, CAP (asynchronous) 2 + 2P (1) ns (1) P = sysclk period in ns. CAP CAP1 EPERIPHERALS_TIMNG_01 Figure 7-29. ECAP Timings Requirements Table 7-37. ECAP Switching Characteristics see Figure 7-30 NO. PARAMETER DESCRIPTION MIN MAX UNIT CAP2 tw(APWM) Pulse duration, APWMx high/low -2 + 2P (1) ns (1) P = sysclk period in ns. APWM CAP2 EPERIPHERALS_TIMNG_02 Figure 7-30. ECAP Switching Characteristics For more information, see Enhanced Capture (ECAP) Module section in Peripherals chapter in the device TRM. www.ti.com AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 157 Product Folder Links: AM2434 AM2432 AM2431 |