| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2431BSDFHIALVR bảng dữ liệu(PDF) 263 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2431BSDFHIALVR bảng dữ liệu(HTML) 263 Page - Texas Instruments |
|
263 / 280 page ![]() 9.2.6 High Speed Differential Signal Routing Guidance The High Speed Interface Layout Guidelines provides guidance for successful routing of the high speed differential signals. This includes PCB stackup and materials guidance as well as routing skew, length and spacing limits. TI supports only designs that follow the board design guidelines contained in the application report. 9.2.7 Thermal Solution Guidance The Thermal Design Guide for DSP and ARM Application Processors provides guidance for successful implementation of a thermal solution for system designs containing this device. This document provides background information on common terms and methods related to thermal solutions. TI only supports designs that follow system design guidelines contained in the application report. 9.3 Clock Routing Guidelines 9.3.1 Oscillator Routing When designing the printed-circuit board: • Place the crystal circuit on the same side of the PCB as the device and as close as possible to the respective device pins. • Place the crystal circuit traces on the outer layer of the PCB when possible, with the lengths being as short as possible to reduce parasitic capacitance and minimize crosstalk from other signals. • Do not route any other signals under the crystal circuit traces if there is an adjacent signal layer on the PCB. • Route all crystal circuit component ground connections to one common ground via. This via must directly connect to the ground plane. • Treat oscillator pins the same way as other device VSS pins: connect them to board ground as near to the ball as possible. Note Proper ground-guard trace in PCB design is critical for effective oscillator operation. 9.3.2 Oscillator Ground Connection Refer to Section 7.10.4.1.1 for the Oscillator Ground Connection diagram. www.ti.com AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 263 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |