| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SWCS049I bảng dữ liệu(PDF) 139 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049I bảng dữ liệu(HTML) 139 Page - Texas Instruments |
|
139 / 144 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 8-Jun-2022 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) TPS6591104DA2NMA NMA NFBGA 98 240 10 x 24 150 315 135.9 7620 12.9 9.15 9 TPS6591133A2NMA NMA NFBGA 98 240 10 x 24 150 315 135.9 7620 12.9 9.15 9 Pack Materials-Page 3 |