| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SWCS049A bảng dữ liệu(PDF) 135 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049A bảng dữ liệu(HTML) 135 Page - Texas Instruments |
|
135 / 144 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2022 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TPS6591104DA2NMA ACTIVE NFBGA NMA 98 240 RoHS & Green SNAGCU Level-3-260C-168 HR -40 to 85 6591104DA2NMA Samples TPS65911062A2NMARP PREVIEW NFBGA NMA 98 2500 RoHS & Green SNAGCU Level-3-260C-168 HR -40 to 85 65911062A2NMA TPS659110A2NMAR ACTIVE NFBGA NMA 98 2500 RoHS & Green SNAGCU Level-3-260C-168 HR -40 to 85 659110A2NMA Samples TPS659112A2NMAR ACTIVE NFBGA NMA 98 2500 RoHS & Green SNAGCU Level-3-260C-168 HR -40 to 85 659112A2NMA Samples TPS659112A2ZRC OBSOLETE BGA MICROSTAR JUNIOR ZRC 98 TBD Call TI Call TI TPS659112A2 TPS6591133A2NMA ACTIVE NFBGA NMA 98 240 RoHS & Green SNAGCU Level-3-260C-168 HR -40 to 85 6591133A2NMA Samples TPS659114A2NMAR ACTIVE NFBGA NMA 98 2500 RoHS & Green SNAGCU Level-3-260C-168 HR -40 to 85 659114A2NMA Samples TPS659114A2ZRCT OBSOLETE BGA MICROSTAR JUNIOR ZRC 98 TBD Call TI Call TI 659114A2 TPS659116A2ZRC OBSOLETE BGA MICROSTAR JUNIOR ZRC 98 TBD Call TI Call TI TPS659116A2 TPS659116A2ZRCR OBSOLETE BGA MICROSTAR JUNIOR ZRC 98 TBD Call TI Call TI TPS659116A2 TPS659118A2ZRCT OBSOLETE BGA MICROSTAR JUNIOR ZRC 98 TBD Call TI Call TI 659118A2 TPS65911AA2NMAR ACTIVE NFBGA NMA 98 2500 RoHS & Green SNAGCU Level-3-260C-168 HR -40 to 85 65911AA2NMA Samples TPS65911AA2NMAT ACTIVE NFBGA NMA 98 250 RoHS & Green SNAGCU Level-3-260C-168 HR -40 to 85 65911AA2NMA Samples (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. Addendum-Page 1 |