công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU8 bảng dữ liệu(PDF) 112 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU8
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU8 bảng dữ liệu(HTML) 112 Page - NXP Semiconductors

Back Button MPC5644BCFCLU8 Datasheet HTML 108Page - NXP Semiconductors MPC5644BCFCLU8 Datasheet HTML 109Page - NXP Semiconductors MPC5644BCFCLU8 Datasheet HTML 110Page - NXP Semiconductors MPC5644BCFCLU8 Datasheet HTML 111Page - NXP Semiconductors MPC5644BCFCLU8 Datasheet HTML 112Page - NXP Semiconductors MPC5644BCFCLU8 Datasheet HTML 113Page - NXP Semiconductors MPC5644BCFCLU8 Datasheet HTML 114Page - NXP Semiconductors MPC5644BCFCLU8 Datasheet HTML 115Page - NXP Semiconductors MPC5644BCFCLU8 Datasheet HTML 116Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 112 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Revision history
NXP Semiconductors
112
4
23 June 2011
• Interchanged the denominator with numerator in Equation 11 of Input impedance
and ADC accuracy section
• Removed the note (All ADC conversion characteristics described in the table
below are applicable only for the precision channels. The data for semi-precision
and extended channels is awaited and same will be subsequently updated in later
revs.) in the ADC electrical characteristics section.
• In On-chip peripherals current consumption table, replaced IDD_HV_ADC with
IDD_HV_ADC0 and IDD_HV_ADC1 values as per ADC specs
• In ADC conversion characteristics (10-bit ADC_0) table, the minimum sample time
of ADC0 changed to 500 at 32 MHz
• In ADC conversion characteristics (10-bit ADC_0) table, removed the entry for
sample time at 30 MHz
• In Conversion characteristics (12-bit ADC_1)table, changed TUEX to TUES and
INLX to INLS (Extended channels are not supported by the device. So, changed
to standard channel.)
Table 52. Revision history (continued)
Revision
Date
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com