| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC5605BAMLL6R bảng dữ liệu(PDF) 110 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAMLL6R bảng dữ liệu(HTML) 110 Page - NXP Semiconductors |
|
110 / 114 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 10 Revision history NXP Semiconductors 110 4 24 Aug 2010 Editorial changes and improvements. Updated “Features“ section Table 1: updated footnote concerning 208 MAPBGA In the block diagram: • Added “5ch 12-bit ADC“ block. • Updated Legend. • Added “Interrupt request with wakeup functionality” as an input to the WKPU block. Figure 2: removed alternate functions Figure 3: removed alternate functions Figure 4: removed alternate functions Table 2: added contents concerning the following blocks: CMU, eDMA, ECSM, MC_ME, MC_PCU, NMI, SSCM, SWT and WKPU Added Section 3.2, Pin muxing 4, Electrical characteristics: removed “Caution” note 4.2, NVUSRO register: removed “NVUSRO[WATCHDOG_EN] field description“ section Table 11: VIN: removed min value in “relative to VDD” row Table 12 •TA C-Grade Part, TJ C-Grade Part, TA V-Grade Part, TJ V-Grade Part, TA M-Grade Part, TJ M-Grade Part: added new rows •TVDD: contents merged into one row •VDD_BV: changed min value in “relative to VDD” row 4.5, Thermal characteristics • 4.5.1, External ballast resistor recommendations: added new paragraph about power supply • Table 14: added RθJB and RθJC rows • Removed “208 MAPBGA thermal characteristics” table Table 15: rewrote parameter description of WFI and WNFI 4.6.5, I/O pad current specification • Removed IDYNSEG information • Updated “I/O supply segments” table Table 22: removed IDYNSEG row Added Table 23 Table 25 • Updated all values • Removed IVREGREF and IVREDLVD12 rows • Added the footnote “The duration of the in-rush current depends on the capacitance placed on LV pins. BV decaps must be sized accordingly. Refer to IMREG value for minimum amount of current to be provided in cc.” to the IDD_BV specification. Table 26 • Updated VPORH min/max value • Updated VLVDLVCORL min value Updated Table 27 Table 28 •Tdwprogram: added initial max value • Inserted Teslat row Table 29: removed the “To be confirmed” footnote In the “Crystal oscillator and resonator connection scheme” figure, removed RP. Table 39 • Removed gmSXOSC row •ISXOSCBIAS: added min/typ/max value Table 54. Revision history (continued) Revision Date Substantive changes |