| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L031X4 bảng dữ liệu(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031X4 bảng dữ liệu(HTML) 124 Page - STMicroelectronics |
|
124 / 126 page ![]() Revision history STM32L031x4/6 124/126 DS10668 Rev 6 26-Sep-2017 5 Added UFQFPN48 package. Removed column "I/O operation" from Table 3: Functionalities depending on the operating power supply range and added note related to GPIO speed. In Section 4: Pin descriptions, changed USARTx_RTS and LPUARTx_RTS into USARTx_RTS_DE and LPUARTx_RTS_DE, respectively. In Section 5: Memory mapping, replaced memory mapping schematic by reference to the reference manual. Removed note related to WLCSP25 preliminary ballout in Table 15: Pin definitions. Updated introduction text in Section 6.2: Absolute maximum ratings to mention device mission profile and extended mission profiles. Added note in Table 52: I/O current injection susceptibility. Updated minimum and maximum values of I/O weak pull-up equivalent resistor (RPU) and weak pull-down equivalent resistor (RPD) in Table 53: I/O static characteristics. Updated minimum and maximum values of NRST weak pull-up equivalent resistor (RPU) in Table 56: NRST pin characteristics. Added note 2. related to the position of the external capacitor below Figure 28: Recommended NRST pin protection. Updated Section : I2C interface characteristics. Updated Figure 31: SPI timing diagram - slave mode and CPHA = 0, Figure 32: SPI timing diagram - slave mode and CPHA = 1(1) and Figure 33: SPI timing diagram - master mode(1). Suppressed section USART/LPUART characteristics. Added reference to optional marking or inset/upset marks in all package device marking sections. Updated Figure 36: Example of LQFP48 marking (package top view) and Table 69: LQFP48 - 48-pin low-profile quad flat package, 7 x 7 mm, package mechanical data. Updated Table 71: LQFP32, 7 x 7 mm, 32-pin low-profile quad flat package mechanical data. Updated Figure 43: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat package outline and Table 72: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat package mechanical data. Updated Table 74: WLCSP25 - 2.097 x 2.493 mm, 0.400 mm pitch wafer level chip scale mechanical data. Added notes related to D and E1 in Table 76: TSSOP20 – 20-lead thin shrink small outline, 6.5 x 4.4 mm, 0.65 mm pitch, package mechanical data. Updated Figure 55: Thermal resistance as well as the corresponding temperature range in the note below the figure. Renamed Section 8 into Ordering information. Table 79. Document revision history Date Revision Changes |