công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

32F072V8T6 bảng dữ liệu(PDF) 114 Page - STMicroelectronics

tên linh kiện 32F072V8T6
Giải thích chi tiết về linh kiện  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32F072V8T6 bảng dữ liệu(HTML) 114 Page - STMicroelectronics

Back Button 32F072V8T6 Datasheet HTML 110Page - STMicroelectronics 32F072V8T6 Datasheet HTML 111Page - STMicroelectronics 32F072V8T6 Datasheet HTML 112Page - STMicroelectronics 32F072V8T6 Datasheet HTML 113Page - STMicroelectronics 32F072V8T6 Datasheet HTML 114Page - STMicroelectronics 32F072V8T6 Datasheet HTML 115Page - STMicroelectronics 32F072V8T6 Datasheet HTML 116Page - STMicroelectronics 32F072V8T6 Datasheet HTML 117Page - STMicroelectronics 32F072V8T6 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
Package information
STM32F072x8 STM32F072xB
114/128
DS9826 Rev 6
Device marking
The following figure gives an example of topside marking orientation versus ball A1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 48. WLCSP49 package marking example
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
MS35591V1
Pin 1 identification
Product identification (1)
Date code
Revision code
Y
WW
R
F072CBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More