công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25DV64K bảng dữ liệu(PDF) 159 Page - STMicroelectronics

tên linh kiện ST25DV64K
Giải thích chi tiết về linh kiện  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K bảng dữ liệu(HTML) 159 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 155Page - STMicroelectronics ST25DV64K Datasheet HTML 156Page - STMicroelectronics ST25DV64K Datasheet HTML 157Page - STMicroelectronics ST25DV64K Datasheet HTML 158Page - STMicroelectronics ST25DV64K Datasheet HTML 159Page - STMicroelectronics ST25DV64K Datasheet HTML 160Page - STMicroelectronics ST25DV64K Datasheet HTML 161Page - STMicroelectronics ST25DV64K Datasheet HTML 162Page - STMicroelectronics ST25DV64K Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 200 page
background image
A.4
EOF when using one subcarrier
A.4.1
High data rate
For the Fast commands, the EOF comprises a logic 0 that includes four pulses at 423.75 kHz and an
unmodulated time of 9.44 µs, followed by 12 pulses at 423.75 kHz (fC/32) and an unmodulated time of 37.76
µs, as shown in Figure 92.
Figure 92. End of frame, high data rate, one subcarrier, fast commands
56.64 µs
18.88 µs
A.4.2
Low data rate
For the Fast commands, the EOF comprises a logic 0 that includes 16 pulses at 423.75 kHz and an unmodulated
time of 37.76 µs, followed by 48 pulses at 423.75 kHz (fC/32) and an unmodulated time of 113.28 µs, as shown in
Figure 93.
Figure 93. End of frame, low data rate, one subcarrier, fast commands
226.56 µs
75.52 µs
Note:
For SOF and EOF in fast commands, bit coding using two subcarriers is not supported.
ST25DV04K ST25DV16K ST25DV64K
EOF when using one subcarrier
DS10925 - Rev 9
page 159/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More