| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25DV04K bảng dữ liệu(PDF) 190 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV04K bảng dữ liệu(HTML) 190 Page - STMicroelectronics |
|
190 / 200 page ![]() 7.6.39 Fast Read Multiple Blocks................................................ 129 7.6.40 Fast Extended Read Multiple Block......................................... 131 7.6.41 Fast Write Message .................................................... 132 7.6.42 Fast Read Message Length .............................................. 133 7.6.43 Fast Read Dynamic Configuration.......................................... 134 7.6.44 Fast Write Dynamic Configuration.......................................... 135 8 Unique identifier (UID) .......................................................... 137 9 Device parameters.............................................................. 138 9.1 Maximum rating..............................................................138 9.2 I2C DC and AC parameters ....................................................139 9.3 GPO characteristics ..........................................................146 9.4 RF electrical parameters ......................................................147 10 Package information............................................................ 149 10.1 SO8N package information ....................................................149 10.2 TSSOP8 package information ..................................................150 10.3 UFDFN8 package information ..................................................152 10.4 UFDFPN12 package information ...............................................153 10.5 WLCSP10 package information ................................................154 11 Ordering information ........................................................... 156 Appendix A Bit representation and coding for fast commands ...................... 157 A.1 Bit coding using one subcarrier .................................................157 A.1.1 High data rate ......................................................... 157 A.1.2 Low data rate ......................................................... 157 A.2 ST25DVxxx to VCD frames ....................................................158 A.3 SOF when using one subcarrier ................................................158 A.3.1 High data rate ......................................................... 158 A.3.2 Low data rate ......................................................... 158 A.4 EOF when using one subcarrier ................................................159 A.4.1 High data rate ......................................................... 159 A.4.2 Low data rate ......................................................... 159 Appendix B I2C sequences ......................................................... 160 ST25DV04K ST25DV16K ST25DV64K Contents DS10925 - Rev 9 page 190/200 |