| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25DV04K bảng dữ liệu(PDF) 159 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV04K bảng dữ liệu(HTML) 159 Page - STMicroelectronics |
|
159 / 200 page ![]() A.4 EOF when using one subcarrier A.4.1 High data rate For the Fast commands, the EOF comprises a logic 0 that includes four pulses at 423.75 kHz and an unmodulated time of 9.44 µs, followed by 12 pulses at 423.75 kHz (fC/32) and an unmodulated time of 37.76 µs, as shown in Figure 92. Figure 92. End of frame, high data rate, one subcarrier, fast commands 56.64 µs 18.88 µs A.4.2 Low data rate For the Fast commands, the EOF comprises a logic 0 that includes 16 pulses at 423.75 kHz and an unmodulated time of 37.76 µs, followed by 48 pulses at 423.75 kHz (fC/32) and an unmodulated time of 113.28 µs, as shown in Figure 93. Figure 93. End of frame, low data rate, one subcarrier, fast commands 226.56 µs 75.52 µs Note: For SOF and EOF in fast commands, bit coding using two subcarriers is not supported. ST25DV04K ST25DV16K ST25DV64K EOF when using one subcarrier DS10925 - Rev 9 page 159/200 |