| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC584BX bảng dữ liệu(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584BX bảng dữ liệu(HTML) 132 Page - STMicroelectronics |
|
132 / 142 page ![]() Revision history SPC584Bx 132/142 DS11701 Rev 4 13-Dec-2016 2 (cont’d) Section 3.17: AC Specifications: Updated Figure 28: DSPI CMOS master mode — classic timing, CPHA = 1 Section 4: Package information: Updated Figure 43: eTQFP64 package outline Updated Table 61: eTQFP64 package mechanical data Updated Table 62: eTQFP100 package mechanical data Updated Table 64: eLQFP176 package mechanical data Section 6: Ordering information: Updated Figure 59: Ordering information scheme 16-Mar-2018 3 Section : Features Changed core name to e200z420 (was e200z4d) Added first bullet “AEC-Q100 qualified” Changed document classification “Target Specification” by “Production Data” Removed ST Restricted watermark on all document Section 1: Introduction Section 2: Description: Updated latest sentence with “one processor core” (was two) Table 2: Features list: Updated MPU description Added “Semaphores” Updated “System SRAM” Updated “DMA channels values” Removed “Interrupt controller” Figure 2: Periphery allocation: Removed SEMA42 block Section 2.3: Features overview: Updated: – 64 KB local data RAM for Core_2 – 8 KB I-Cache and 4 KB D-Cache for Core_2 – 128 KB on-chip general-purpose SRAM (+ 64 KB local data RAM: 64 KB included in the CPU) – Multi channel direct memory access controllers Section 3: Package pinouts and signal descriptions: Changed introduction sentence since the pin out excel file will no longer be attached to the datasheet Section 3: Electrical characteristics Section 4.1: Introduction: Removed text “The IPs and...for the details” Removed the two notes applicable for preliminary data Table 75. Document revision history (continued) Date Revision Changes |