| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC584CX bảng dữ liệu(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584CX bảng dữ liệu(HTML) 106 Page - STMicroelectronics |
|
106 / 153 page ![]() Package information SPC584Cx, SPC58ECx 106/153 DS11620 Rev 8 5 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. The following table lists the case numbers for SPC584Cx and SPC58ECx. 5.1 eTQFP64 package information Refer to Section 5.1.1: Package mechanical drawings and data information for full description of below figures and table notes. Table 64. Package case numbers Package type Device type eTQFP64 Production eTQFP100 Production eTQFP144 Production eLQFP176 Production FPBGA292 Production |