công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HVC4223F bảng dữ liệu(PDF) 7 Page - TDK Electronics

tên linh kiện HVC4223F
Giải thích chi tiết về linh kiện  Motor Drivers for Control of BLDC, BDC, or Stepper Motors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

HVC4223F bảng dữ liệu(HTML) 7 Page - TDK Electronics

  HVC4223F Datasheet HTML 1Page - TDK Electronics HVC4223F Datasheet HTML 2Page - TDK Electronics HVC4223F Datasheet HTML 3Page - TDK Electronics HVC4223F Datasheet HTML 4Page - TDK Electronics HVC4223F Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 5 page
background image
DATA SHEET
HVC 4x Family
TDK-Micronas GmbH
July 9, 2021; DSH000216_001EN
7
Advanced Motor Control
– One enhanced PWM (EPWM) module with 12-bit resolution and six outputs to control
either a BLDC motor with six half-bridges (B6 configuration) or a bipolar stepper
motor with four half-bridges. The module supports center- and edge-aligned mode
with automatic dead-time insertion.
– Three high-voltage Back Electromotive Force Comparators (BEMFC) are supporting
zero crossing detection for sensorless BLDC motor control with integrated virtual star
point reference. Furthermore, the three comparators can be used for closed-loop cur-
rent control with bipolar stepper motors or alternatively for BEMF voltage measure-
ments with stepper motor for commutation and / or stall detection.
– Integrated phase current measurement for bipolar stepper motor control with closed-
loop current control.
– Two 8-bit DACs used as reference for current limitation (CLDAC) for bipolar stepper
motors in closed-loop current control.
– One 12-bit ADC with HW trigger option:
Five external inputs (four single ended and one differential) + VBVDD + VMON +
linear temperature sensor + input for motor current sensing + inputs for stepper
motor stall detection + inputs for LIN Auto-Addressing (BSM).
– ADC reference: internal band-gap reference
– One integrated Programmable Gain Amplifier (PGA) as part of the ADC signal path.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com