công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCIMX6DP7CYM2AB bảng dữ liệu(PDF) 109 Page - NXP Semiconductors

tên linh kiện SCIMX6DP7CYM2AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7CYM2AB bảng dữ liệu(HTML) 109 Page - NXP Semiconductors

Back Button SCIMX6DP7CYM2AB Datasheet HTML 105Page - NXP Semiconductors SCIMX6DP7CYM2AB Datasheet HTML 106Page - NXP Semiconductors SCIMX6DP7CYM2AB Datasheet HTML 107Page - NXP Semiconductors SCIMX6DP7CYM2AB Datasheet HTML 108Page - NXP Semiconductors SCIMX6DP7CYM2AB Datasheet HTML 109Page - NXP Semiconductors SCIMX6DP7CYM2AB Datasheet HTML 110Page - NXP Semiconductors SCIMX6DP7CYM2AB Datasheet HTML 111Page - NXP Semiconductors SCIMX6DP7CYM2AB Datasheet HTML 112Page - NXP Semiconductors SCIMX6DP7CYM2AB Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
109
4.12.12.2 D-PHY Signaling Levels
The signal levels are different for differential HS mode and single-ended LP mode. Figure 66 shows both
the HS and LP signal levels on the left and right sides, respectively. The HS signaling levels are below
the LP low-level input threshold such that LP receiver always detects low on HS signals.
Figure 66. D-PHY Signaling Levels
LP Line Receiver DC Specifications
VIL
Input low voltage
—
—
—
550
mV
VIH
Input high voltage
—
920
—
—
mV
VHYST
Input hysteresis
—
25
—
—
mV
Contention Line Receiver DC Specifications
VILF
Input low fault threshold
—
200
—
450
mV
Table 68. Electrical and Timing Information (continued)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
HS Vout
Range
HS Vcm
Range
Max VOD
Min VOD
VCMTX,MIN
VOLHS
VCMTX,MAX
VOHHS
LP VIL
LP
VOL
LP
VIH
VOH,MAX
VOH,MIN
VIH
VIL
LP Threshold
Region
VGNDSH,MA
X
VGNDSH,MIN
GND
LP VOL
HS Differential Signaling
LP Single-ended Signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More