công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCIMX6QP7CYM2AB bảng dữ liệu(PDF) 114 Page - NXP Semiconductors

tên linh kiện SCIMX6QP7CYM2AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7CYM2AB bảng dữ liệu(HTML) 114 Page - NXP Semiconductors

Back Button SCIMX6QP7CYM2AB Datasheet HTML 110Page - NXP Semiconductors SCIMX6QP7CYM2AB Datasheet HTML 111Page - NXP Semiconductors SCIMX6QP7CYM2AB Datasheet HTML 112Page - NXP Semiconductors SCIMX6QP7CYM2AB Datasheet HTML 113Page - NXP Semiconductors SCIMX6QP7CYM2AB Datasheet HTML 114Page - NXP Semiconductors SCIMX6QP7CYM2AB Datasheet HTML 115Page - NXP Semiconductors SCIMX6QP7CYM2AB Datasheet HTML 116Page - NXP Semiconductors SCIMX6QP7CYM2AB Datasheet HTML 117Page - NXP Semiconductors SCIMX6QP7CYM2AB Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
114
NXP Semiconductors
Electrical Characteristics
4.12.13.3 Receiver Real-Time Data Flow
Figure 75. Receiver Real-Time Data Flow READY Signal Timing
4.12.13.4 Synchronized Data Flow Transmission with Wake
Figure 76. Synchronized Data Flow Transmission with WAKE
4.12.13.5 Stream Transmission Mode Frame Transfer
Figure 77. Stream Transmission Mode Frame Transfer (Synchronized Data Flow)
N-bits Frame
N-bits Frame
First bit of
frame
t
NomBit
Last bit of
frame
First bit of
frame
Last bit of
frame
DATA
FLAG
READY
Receiver has
detected the start
of the Frame
Receiver has captured a
complete Frame
DATA
FLAG
READY
1. Transmitter has
data to transmit
3. First bit
received
PHY Frame
PHY Frame
TX state
RX state
WAKE
A
A
B
B
C
C
D
D
A
A
2. Receiver in active
start state
4. Received
frame stored
5. Transmitter
has no more
data to
transmit
6. Receiver
can no longer
receive date
A: Sleep state(non-operational)
B: Wake-up state
C: Active state (full operational)
D: Disable State(No communication ability)
Complete N-bits Frame
Complete N-bits Frame
DATA
FLAG
READY
Channel
Description
bits
Payload Data Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More