công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCIMX6QP7CYM2AB bảng dữ liệu(PDF) 138 Page - NXP Semiconductors

tên linh kiện PCIMX6QP7CYM2AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCIMX6QP7CYM2AB bảng dữ liệu(HTML) 138 Page - NXP Semiconductors

Back Button PCIMX6QP7CYM2AB Datasheet HTML 134Page - NXP Semiconductors PCIMX6QP7CYM2AB Datasheet HTML 135Page - NXP Semiconductors PCIMX6QP7CYM2AB Datasheet HTML 136Page - NXP Semiconductors PCIMX6QP7CYM2AB Datasheet HTML 137Page - NXP Semiconductors PCIMX6QP7CYM2AB Datasheet HTML 138Page - NXP Semiconductors PCIMX6QP7CYM2AB Datasheet HTML 139Page - NXP Semiconductors PCIMX6QP7CYM2AB Datasheet HTML 140Page - NXP Semiconductors PCIMX6QP7CYM2AB Datasheet HTML 141Page - NXP Semiconductors PCIMX6QP7CYM2AB Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
138
NXP Semiconductors
Boot Mode Configuration
5
Boot Mode Configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces
allocation.
5.1
Boot Mode Configuration Pins
Table 93 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed boot mode options configured by the boot mode pins, see the System Boot
chapter of the i.MX 6DualPlus/6QuadPlus reference manual (IMX6DQPRM).
Table 93. Fuses and Associated Pins Used for Boot
Pin
Direction at Reset
eFuse Name
Boot Mode Selection
BOOT_MODE1
Input
Boot Mode Selection
BOOT_MODE0
Input
Boot Mode Selection
Boot Options1
EIM_DA0
Input
BOOT_CFG1[0]
EIM_DA1
Input
BOOT_CFG1[1]
EIM_DA2
Input
BOOT_CFG1[2]
EIM_DA3
Input
BOOT_CFG1[3]
EIM_DA4
Input
BOOT_CFG1[4]
EIM_DA5
Input
BOOT_CFG1[5]
EIM_DA6
Input
BOOT_CFG1[6]
EIM_DA7
Input
BOOT_CFG1[7]
EIM_DA8
Input
BOOT_CFG2[0]
EIM_DA9
Input
BOOT_CFG2[1]
EIM_DA10
Input
BOOT_CFG2[2]
EIM_DA11
Input
BOOT_CFG2[3]
EIM_DA12
Input
BOOT_CFG2[4]
EIM_DA13
Input
BOOT_CFG2[5]
EIM_DA14
Input
BOOT_CFG2[6]
EIM_DA15
Input
BOOT_CFG2[7]
EIM_A16
Input
BOOT_CFG3[0]
EIM_A17
Input
BOOT_CFG3[1]
EIM_A18
Input
BOOT_CFG3[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More