| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6526BACDXEAF bảng dữ liệu(PDF) 237 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526BACDXEAF bảng dữ liệu(HTML) 237 Page - Texas Instruments |
|
237 / 282 page ![]() 7.9.5.21.6 PRU_ICSSG RGMII, MII_RT, and Switch 7.9.5.21.6.1 PRU_ICSSG MDIO Electrical Data and Timing Table 7-75 presents MDIO timing conditions. Table 7-75. PRU_ICSSG MDIO Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 0.9 3.6 V/ns OUTPUT CONDITIONS CL Output load capacitance 10 470 pF 7.9.5.21.6.1.1 PRU_ICSSG MDIO Timing Requirements NO. PARAMETER DESCRIPTION MIN MAX UNIT PRMDI1 tsu(MDIO-MDC) Setup time, MDIO valid before MDC High 90 ns PRMDI2 th(MDC-MDIO) Hold time, MDIO valid after MDC High 0 ns MDIO_CLK (Output) PRMDI1 PRMDI2 MDIO_DATA (Input) SPRS91x_TIMING_PRU_MII_RT_01 Figure 7-111. PRU_ICSSG MDIO_DATA Timing – Input Mode www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 237 Product Folder Links: AM6548 AM6528 AM6526 |