| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6526 bảng dữ liệu(PDF) 121 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 bảng dữ liệu(HTML) 121 Page - Texas Instruments |
|
121 / 282 page ![]() 6.5 Connections for Unused Pins This section describes the Unused/Reserved balls connection requirements. Note All power balls must be supplied with the voltages specified in Section 7.4, Recommended Operating Conditions, unless otherwise specified in Section 6.3, Signal Descriptions. Table 6-77. Unused Balls Specific Connection Requirements BALL NUMBER BALL NAME CONNECTION REQUIREMENTS C22 OSC1_XI Each of these balls must be connected to VSS through a separate external pull resistor to ensure these balls are held to a valid logic low level if unused. AE4 WKUP_LFOSC0_XI AA3 TRSTn K2 MCU_ADC0_REFN K3 MCU_ADC0_REFP V5 MCU_BYP_POR H2 MCU_ADC1_REFP H3 MCU_ADC1_REFN K5 MCU_ADC0_AIN0 J3 MCU_ADC0_AIN1 J1 MCU_ADC0_AIN2 J5 MCU_ADC0_AIN3 K4 MCU_ADC0_AIN4 J4 MCU_ADC0_AIN5 J2 MCU_ADC0_AIN6 J6 MCU_ADC0_AIN7 F4 MCU_ADC1_AIN0 G6 MCU_ADC1_AIN1 G4 MCU_ADC1_AIN2 H5 MCU_ADC1_AIN3 F5 MCU_ADC1_AIN4 G5 MCU_ADC1_AIN5 G3 MCU_ADC1_AIN6 H4 MCU_ADC1_AIN7 www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 121 Product Folder Links: AM6548 AM6528 AM6526 |