công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP48FXBX4 bảng dữ liệu(PDF) 106 Page - Microchip Technology

tên linh kiện MCP48FXBX4
Giải thích chi tiết về linh kiện  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX4 bảng dữ liệu(HTML) 106 Page - Microchip Technology

Back Button MCP48FXBX4 Datasheet HTML 102Page - Microchip Technology MCP48FXBX4 Datasheet HTML 103Page - Microchip Technology MCP48FXBX4 Datasheet HTML 104Page - Microchip Technology MCP48FXBX4 Datasheet HTML 105Page - Microchip Technology MCP48FXBX4 Datasheet HTML 106Page - Microchip Technology MCP48FXBX4 Datasheet HTML 107Page - Microchip Technology MCP48FXBX4 Datasheet HTML 108Page - Microchip Technology MCP48FXBX4 Datasheet HTML 109Page - Microchip Technology MCP48FXBX4 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 106
 2020 Microchip Technology Inc.
B.11
Integral Nonlinearity (INL)
The Integral Nonlinearity (INL) error is the maximum
deviation of an actual transfer function from an ideal
transfer function (straight line) passing through the
defined end points of the DAC transfer function (after
offset and gain errors have been removed).
In the MCP48FXBX4/8, INL is calculated using the
defined end points, DAC code 100 and code 4000. INL
can be expressed as a percentage of FSR or in LSb.
INL is also called ‘Relative Accuracy’. Equation B-6
shows how to calculate the INL error in LSb and
Figure B-4 shows an example of INL accuracy.
Positive INL means higher VOUT voltage than the ideal
one. Negative INL means lower VOUT voltage than the
ideal one.
EQUATION B-6:
INL ERROR
FIGURE B-4:
INL Accuracy.
B.12
Differential Nonlinearity (DNL)
The
Differential
Nonlinearity
(DNL)
error
(see
Figure B-5) is the measure of step-size between codes
in an actual transfer function. The ideal step-size
between codes is 1 LSb. A DNL error of zero would
imply that every code is exactly 1 LSb wide. If the DNL
error is less than 1 LSb, the DAC ensures monotonic
output and no missing codes. Equation B-7 shows how
to calculate the DNL error between any two adjacent
codes in LSb.
EQUATION B-7:
DNL ERROR
FIGURE B-5:
DNL Accuracy.
Where:
INL is expressed in LSb.
VCalc_Ideal = Code × VLSb(Measured) + VOS
VOUT(Code = n) = The measured DAC output
voltage with a given DAC
register code.
VLSb(Measured) = For Measured:
(VOUT(4000) – VOUT(100))/3900.
VOS = Measured offset voltage.
EINL
VOUT VCalc_Ideal
–

VLSb(Measured)
----------------------------------------------------------
=
010
001
000
Analog
Output
(LSb)
DAC Input Code
011
111
100 101
1
2
3
4
5
6
0
7
110
Ideal Transfer Function
Actual Transfer Function
INL = < -1 LSb
INL = 0.5 LSb
INL = -1 LSb
Where:
DNL is expressed in LSb.
VOUT(code = n) = The measured DAC output voltage
with a given DAC register code.
VLSb(Measured) = For Measured:
(VOUT(4000) – VOUT(100))/3900.
EDNL
VOUT(code = n+1) VOUT(code = n)
–

VLSb(Measured)
---------------------------------------------------------------------------------------------------- 1
–
=
010
001
000
Analog
Output
(LSb)
DAC Input Code
011
111
100 101
1
2
3
4
5
6
0
7
DNL = 2 LSb
DNL = 0.5 LSb
110
Ideal Transfer Function
Actual Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com