| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIMXRT516SCVP2A bảng dữ liệu(PDF) 106 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT516SCVP2A bảng dữ liệu(HTML) 106 Page - NXP Semiconductors |
|
106 / 124 page ![]() i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021 106 NXP Semiconductors Package information and contact assignments 6.1.2 14 x 14 mm supplies contact assignments and functional contact assignments Table 111 shows the device connection list for ground, sense, and reference contact signals. Table 111. 14 x 14 mm supplies contact assignment Supply Rail Name Ball(s) Position(s) Remark ADC_VREFH G16 — DAC_OUT H16 — DCDC_ANA M7, M8 — DCDC_ANA_SENSE M6 — DCDC_DIG K8, K9, L8 — DCDC_DIG_SENSE L7 — DCDC_GND K6, K7, L6 — DCDC_IN M5, N5 — DCDC_IN_Q L5 — DCDC_LN T4, U4 — DCDC_LP T3, U3 — DCDC_MODE N4 — DCDC_PSWITCH P3 — NVCC_DISP1 D12 — NVCC_DISP2 E7 — NVCC_EMC1 F6, F7, G6 — NVCC_EMC2 H6, J6 — NVCC_GPIO M12 — NVCC_LPSR P7 — NVCC_SNVS U11 — NVCC_SD1 D14 — NVCC_SD2 G13 — VDD_LPSR_ANA P12 — VDD_LPSR_DIG P11 — VDD_LPSR_IN R12 — VDD_MIPI_1P0 F10 — VDD_MIPI_1P8 F9 — VDD_USB_1P8 H12 — VDD_USB_3P3 G12 — |