công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WB35CCU7ATR bảng dữ liệu(PDF) 178 Page - STMicroelectronics

tên linh kiện STM32WB35CCU7ATR
Giải thích chi tiết về linh kiện  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU7ATR bảng dữ liệu(HTML) 178 Page - STMicroelectronics

Back Button STM32WB35CCU7ATR Datasheet HTML 174Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 175Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 176Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 177Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 178Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 179Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 180Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 181Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 193 page
background image
Package information
STM32WB55xx STM32WB35xx
178/193
DS11929 Rev 10
Figure 45. VFQFPN68 recommended footprint
1. Dimensions are expressed in millimeters.
Device marking for VFQFPN68
Figure 45 gives an example of topside marking orientation versus pin 1 identifier location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
E
7.85
8.00
8.15
0.3091
0.3150
0.3209
E2
6.30
6.40
6.50
0.2480
0.2520
0.2559
e
-
0.40
-
-
0.0157
-
L
0.40
0.50
0.60
0.0157
0.0197
0.0236
ddd
-
-
0.08
-
-
0.0031
1. Values in inches are converted from mm and rounded to four decimal digits.
Table 104. VFQFPN68 mechanical data (continued)
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
B029_VFQFPN68_FP_V2
8.30
7.00
6.65
0.82
6.40
0.65
0.40
0.25
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More