| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCI3PTR bảng dữ liệu(PDF) 179 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCI3PTR bảng dữ liệu(HTML) 179 Page - STMicroelectronics |
|
179 / 340 page ![]() Table 59. Current consumption in Sleep and Low-power sleep mode, Flash ON Symbol Parameter Conditions TYP MAX Unit - Voltage scaling fHCLK 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C IDD (Sleep) Supply current in Sleep mode fHCLK = fHSE up to 48MHz included, bypass mode PLL ON above 48 MHz all peripherals disabled Range 2 26 MHz 1.04 1.37 2.36 3.88 6.62 2.25 4.69 9.93 16.57 27.36 mA 16 MHz 0.72 1.04 2.04 3.55 6.30 1.93 4.36 9.60 16.23 27.00 8 MHz 0.46 0.79 1.78 3.29 6.01 1.67 4.10 9.33 15.95 26.70 4 MHz 0.33 0.65 1.65 3.14 5.85 1.54 3.97 9.19 15.80 26.55 2 MHz 0.27 0.58 1.58 3.07 5.78 1.48 3.90 9.12 15.73 26.48 1 MHz 0.24 0.55 1.55 3.03 5.73 1.46 3.88 9.11 15.72 26.46 100 KHz 0.211 0.52 1.52 3.01 5.72 1.42 3.84 9.06 15.67 26.41 Range 0 110 MHz 4.73 5.23 6.62 8.65 12.21 7.00 11.02 19.15 28.98 44.29 Range 1 80 MHz 3.31 3.74 5.01 6.88 10.19 5.20 8.71 15.92 24.74 38.70 72 MHz 3.01 3.44 4.71 6.56 9.86 4.90 8.40 15.61 24.42 38.36 64 MHz 2.71 3.14 4.41 6.26 9.56 4.60 8.10 15.29 24.10 38.03 48 MHz 2.10 2.53 3.79 5.62 8.92 3.98 7.47 14.66 23.45 37.38 32 MHz 1.49 1.91 3.17 4.98 8.27 3.37 6.84 14.00 22.78 36.67 24 MHz 1.18 1.60 2.84 4.67 7.93 3.06 6.52 13.68 22.44 36.32 16 MHz 0.88 1.29 2.53 4.34 7.60 2.75 6.21 13.35 22.10 35.96 IDD(LPSl eep) Supply current in Low-power sleep mode fHCLK = fMSI all peripherals disabled 2 MHz 205.22 584.41 1712 3383 6283 1843 4745 12643 19003 31504 µA 1 MHz 192.80 547.20 1678 3343 6248 1815 4665 12037 18615 31391 400 KHz 143.73 520.85 1655 3313 6222 1793 4567 11872 18346 30902 100 KHz 137.82 519.15 1650 3308 6219 1786 4554 11814 18206 30849 |