| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCI3PTR bảng dữ liệu(PDF) 158 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCI3PTR bảng dữ liệu(HTML) 158 Page - STMicroelectronics |
|
158 / 340 page ![]() Table 38. Current consumption in Run mode, code with data processing running from Flash in single bank, ICACHE disabled and power supplied by internal SMPS step down converter Symbol Parameter Conditions TYP MAX Unit - Voltage scaling fHCLK 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C IDD (Run) Supply current in Run mode fHCLK = fHSE up to 48 MHz included, bypass mode PLL ON above 48 MHz all peripherals disabled Range 2 SMPS LP mode 26 MHz 2.38 2.44 2.91 3.60 5.55 2.43 3.23 5.15 7.63 11.61 mA 16 MHz 1.57 1.66 2.11 2.79 4.68 1.64 2.43 4.34 6.8 10.77 8 MHz 0.89 0.99 1.45 2.11 3.97 0.98 1.76 3.65 6.11 10.06 4 MHz 0.54 0.67 1.11 1.77 3.59 0.65 1.41 3.3 5.76 9.7 2 MHz 0.37 0.50 0.94 1.60 3.42 0.48 1.24 3.13 5.59 9.52 1 MHz 0.29 0.41 0.86 1.52 3.33 0.44 1.2 3.09 5.54 9.48 100 KHz 0.21 0.34 0.78 1.43 3.24 0.32 1.08 2.97 5.42 9.36 Range 0 SMPS HP mode 110 MHz 12.87 13.29 14.25 15.62 18.91 13.02 14.59 17.89 21.92 28.32 Range 1 SMPS HP mode 80 MHz 8.69 9.01 10.21 11.24 13.82 9.35 10.76 13.6 17.02 22.47 72 MHz 7.88 8.23 9.30 10.34 12.83 8.53 9.98 12.77 16.15 21.57 64 MHz 7.28 7.56 8.67 9.70 12.17 7.86 9.27 12.16 15.54 20.94 48 MHz 5.56 5.81 6.66 7.79 10.30 6.1 7.44 10.46 13.82 19.16 32 MHz 3.87 4.11 4.79 5.87 8.40 4.33 5.65 8.63 12.16 17.41 24 MHz 2.99 3.21 3.87 4.84 7.41 3.41 4.7 7.67 11.28 16.5 16 MHz 2.15 2.36 3.00 3.92 6.45 2.52 3.79 6.73 10.42 15.62 |