| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCT6PTR bảng dữ liệu(PDF) 208 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCT6PTR bảng dữ liệu(HTML) 208 Page - STMicroelectronics |
|
208 / 340 page ![]() Electrical characteristics STM32L552xx 208/340 DS12737 Rev 6 AHB (Cont) HASH 3.91 3.64 2.74 3.44 µA/MHz RNG AHB clock domain 2.44 2.27 NA NA RNG independent clock domain 4.55 6.12 NA NA SDMMC1 AHB clock domain 20.52 19.07 NA NA µA/MHz SDMMC1 independent clock domain 4.92 6.63 NA NA FMC 11.17 10.39 7.82 9.90 OSPI1 AHB clock domain 10.77 10.00 7.61 9.57 OPSPI1 independent clock domain 0.12 0.11 0.04 1.00 ALL AHB peripherals 47.58 47.47 55.06 350.76 APB1 AHB to APB1 bridge 0.41 0.43 0.36 0.61 µA/MHz TIM2 6.65 6.19 4.67 5.81 TIM3 5.46 5.08 3.82 4.75 TIM4 5.38 5.02 3.78 4.73 TIM5 6.92 6.47 4.86 6.08 TIM6 1.12 1.04 0.79 0.98 TIM7 1.24 1.16 0.86 0.98 RTCAPB 3.50 3.32 2.50 3.08 WWDG 0.58 0.52 0.40 0.48 SPI2 2.522.341.78 2.25 SPI3 2.392.221.69 2.16 USART2 APB clock domain 3.40 3.14 2.39 3.03 USART2 independent clock domain 6.41 5.99 4.50 5.53 USART3 APB clock domain 2.96 2.73 2.12 2.57 USART3 independent clock domain 6.96 6.49 4.86 6.09 UART4 APB clock domain 2.81 2.60 1.99 2.48 UART4 independent clock domain 5.59 5.26 3.95 4.85 UART5 APB clock domain 2.75 2.58 1.99 2.45 Table 82. Peripheral current consumption (continued) Peripheral Range 0 Range 1 Range 2 Low-power run and sleep Unit |