| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G474PBY3TR bảng dữ liệu(PDF) 200 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474PBY3TR bảng dữ liệu(HTML) 200 Page - STMicroelectronics |
|
200 / 236 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 200/236 DS12288 Rev 5 Figure 53. Quad SPI timing diagram - DDR mode 5.3.30 UCPD characteristics UCPD1 controller complies with USB Type-C Rev.1.2 and USB Power Delivery Rev. 3.0 specifications. MSv36879V3 Data output IO0 IO2 IO4 Clock Data input IO0 IO2 IO4 t(CLK) tw(CLKH) tw(CLKL) tr(CLK) tf(CLK) tsf(IN) thf(IN) tvf(OUT) thr(OUT) IO1 IO3 IO5 IO1 IO3 IO5 tvr(OUT) thf(OUT) tsr(IN) thr(IN) Table 110. UCPD characteristics Symbol Parameter Conditions Min Typ Max Unit VDD UCPD operating supply voltage Sink mode only 3.0 3.3 3.6 V Sink and source mode 3.135 3.3 3.465 V |