công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 291 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 291 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 287Page - Renesas Technology Corp H8/3002 Datasheet HTML 288Page - Renesas Technology Corp H8/3002 Datasheet HTML 289Page - Renesas Technology Corp H8/3002 Datasheet HTML 290Page - Renesas Technology Corp H8/3002 Datasheet HTML 291Page - Renesas Technology Corp H8/3002 Datasheet HTML 292Page - Renesas Technology Corp H8/3002 Datasheet HTML 293Page - Renesas Technology Corp H8/3002 Datasheet HTML 294Page - Renesas Technology Corp H8/3002 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 700 page
background image
Section 10 16-Bit Integrated Timer Unit (ITU)
10.1 Overview
The H8/3002 has a built-in 16-bit integrated timer unit (ITU) with five 16-bit timer channels.
10.1.1 Features
ITU features are listed below.
•
Capability to process up to 12 pulse outputs or 10 pulse inputs
•
Ten general registers (GRs, two per channel) with independently-assignable output compare
or input capture functions
•
Selection of eight counter clock sources for each channel:
Internal clocks: ø, ø/2, ø/4, ø/8
External clocks: TCLKA, TCLKB, TCLKC, TCLKD
•
Five operating modes selectable in all channels:
— Waveform output by compare match
Selection of 0 output, 1 output, or toggle output (only 0 or 1 output in channel 2)
— Input capture function
Rising edge, falling edge, or both edges (selectable)
— Counter clearing function
Counters can be cleared by compare match or input capture
— Synchronization
Two or more timer counters (TCNTs) can be preset simultaneously, or cleared
simultaneously by compare match or input capture. Counter synchronization enables
synchronous register input and output.
277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com