công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 237 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 237 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 233Page - Renesas Technology Corp H8/3002 Datasheet HTML 234Page - Renesas Technology Corp H8/3002 Datasheet HTML 235Page - Renesas Technology Corp H8/3002 Datasheet HTML 236Page - Renesas Technology Corp H8/3002 Datasheet HTML 237Page - Renesas Technology Corp H8/3002 Datasheet HTML 238Page - Renesas Technology Corp H8/3002 Datasheet HTML 239Page - Renesas Technology Corp H8/3002 Datasheet HTML 240Page - Renesas Technology Corp H8/3002 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 700 page
background image
Figure 8-15 shows an auto-requested burst-mode transfer. This example shows a transfer of three
words from a 16-bit two-state access area to another 16-bit two-state access area.
Figure 8-15 Burst DMA Bus Timing
When the DMAC is activated from a
DREQ pin there is a minimum interval of four states from
when the transfer is requested until the DMAC starts operating. The
DREQ pin is not sampled
during the time between the transfer request and the start of the transfer. In short address mode
and normal mode, the pin is next sampled at the end of the read cycle. In block transfer mode, the
pin is next sampled at the end of one block transfer.
T1
T2
T1
T2
T1
T2
T1
T2
T1
T2
T1
T2
T1
T2
T1
T2
ø
RD
CPU cycle
DMAC cycle
Source
address
Destination
address
CPU cycle
Td
Address
bus
HWR
LWR
,
223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com