công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 154 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 154 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 150Page - Renesas Technology Corp H8/3002 Datasheet HTML 151Page - Renesas Technology Corp H8/3002 Datasheet HTML 152Page - Renesas Technology Corp H8/3002 Datasheet HTML 153Page - Renesas Technology Corp H8/3002 Datasheet HTML 154Page - Renesas Technology Corp H8/3002 Datasheet HTML 155Page - Renesas Technology Corp H8/3002 Datasheet HTML 156Page - Renesas Technology Corp H8/3002 Datasheet HTML 157Page - Renesas Technology Corp H8/3002 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 700 page
background image
Section 7 Refresh Controller
7.1 Overview
The H8/3002 has an on-chip refresh controller that enables direct connection of 16-bit-wide
DRAM or pseudo-static RAM (PSRAM).
DRAM or pseudo-static RAM can be directly connected to area 3 of the external address space.
A maximum 128 kbytes can be connected in modes 1 and 2 (1-Mbyte modes). A maximum
2 Mbytes can be connected in modes 3 and 4 (16-Mbyte modes).
Systems that do not need to refresh DRAM or pseudo-static RAM can use the refresh controller as
an 8-bit interval timer.
7.1.1 Features
The refresh controller can be used for one of three functions: DRAM refresh control, pseudo-static
RAM refresh control, or interval timing. Features of the refresh controller are listed below.
Features as a DRAM Refresh Controller
•
Enables direct connection of 16-bit-wide DRAM
•
Selection of 2
CAS or 2WE mode
•
Selection of 8-bit or 9-bit column address multiplexing for DRAM address input
Examples:
— 1-Mbit DRAM: 8-bit row address
× 8-bit column address
— 4-Mbit DRAM: 9-bit row address
× 9-bit column address
— 4-Mbit DRAM: 10-bit row address
× 8-bit column address
•
CAS-before-RAS refresh control
•
Software-selectable refresh interval
•
Software-selectable self-refresh mode
•
Wait states can be inserted
Features as a Pseudo-Static RAM Refresh Controller
•
RFSH signal output for refresh control
•
Software-selectable refresh interval
•
Software-selectable self-refresh mode
•
Wait states can be inserted
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com